PART |
Description |
Maker |
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRFP450 6068 -IRFP450 |
N-Channel 500V-0.33惟-14A- TO-247 PowerMESHTM MOSFET(N娌??MOSFET) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.33Ω- 14A条至247 PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 500V-0.33Ω-14A- TO-247 PowerMESHTM MOSFET(N沟道MOSFET) N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET From old datasheet system N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
FDD6N50FTF FDD6N50FTM FDD6N50F FDU6N50F FDU6N50FTU |
N-Channel MOSFET 500V, 5.5A, 1.15Ω N-Channel MOSFET 500V, 5.5A, 1.15??/a> N-Channel MOSFET 500V, 5.5A, 1.15ヘ
|
Fairchild Semiconductor
|
FDD5N50F |
N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ohms N-Channel MOSFET, FRFET 500V, 3.5A, 1.55ヘ N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ω
|
Fairchild Semiconductor
|
STW20NC50 7201 |
N-CHANNEL 500V - 0.22 OHM 18.4A TO-247 POWERMESH II MOSFET N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 500V - 0.22 OHM 18.4A TO-247 POWERMESH II MOSFET N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
FQH18N50V2 |
500V N-Channel Advanced QFET V2 series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STP8NM50FP STP8NM50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?Power MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh⑩Power MOSFET N沟道500V - 0.7ohm - ⑩第8A TO-220/TO-220FP的MDmesh功率MOSFET N - CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|